|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
2007. 7. 12 1/2 semiconductor technical data revision no : 2 switching type power supply application. converter & chopper application. features average output rectified current : i o =15a (tc=105 ). repetitive peak reverse voltage : v rrm =45v. fast reverse recovery time : t rr =35ns. low peak forward voltage : 0.55v(typ.) maximum rating (ta=25 ) dim millimeters to-220is 0.76+0.09/-0.05 a b c d e f g 0.5+0.1/-0.05 h 1.2+0.25/-0.1 1.5+0.25/-0.1 j k l m n p q r f q 1 2 3 l p n b g j m d n h e r k l s 0.5 typ s d a c 2.70 0.3 + _ 12.0 0.3 + _ 13.6 0.5 + _ 3.7 0.2 + _ 3.2 0.2 + _ 10.0 0.3 + _ 15.0 0.3 + _ 3.0 0.3 + _ 4.5 0.2 + _ 2.54 0.1 + _ + 2.6 0.2 _ 6.8 0.1 + _ 1. anode 2. cathode 3. anode electrical characteristics (ta=25 ) b15a45vic schottky barrier type diode (low vf type) characteristic symbol test condition min. typ. max. unit peak forward voltage (note) v fm i fm =7.5a - 0.55 0.58 v repetitive peak reverse current (note) i rrm v rrm =rated - - 150 reverse recovery time (note) t rr i f =1.0a, di/dt=-50a/ - - 35 ns thermal resistance (note) r th(j-c) juction to case - - 4.0 /w characteristic symbol rating unit repetitive peak reverse voltage v rrm 45 v average output rectified current (tc=105 ) (note) i o 15 a peak one cycle surge forward current (non-repetitive 60hz) i fsm 150 a junction temperature t j -40 150 storage temperature range t stg -55 150 note : average forward current of centertap full wave connection. note : a value of one cell 3 1 2
2007. 7. 12 2/2 b15a45vic revision no : 2 f(av) average forward current i (a) average forward current i (a) f(av) ambient temperature t ( c) a current derating (ambient) case temperature tc ( c) current derating (case) p (w) f(av) average forward current i (a) f(av) f(av) f(av) p - i average forward power dissipation reverse current i (ma) r reverse voltage v (v) r i - v i - v f forward voltage v (v) f forward current i (a) ff rr 0 0 0 0 0 0.001 0 100 0.2 0.5 0.4 0.6 0.8 1.0 1.2 1.0 3.0 5.0 10 30 50 t =125 c j j t =75 c j t =25 c 10 20 30 40 50 0.01 0.1 1.0 10 100 110 120 130 140 150 4.0 8.0 12 16 rated voltage r =3.0 c/w jc dc 180 square wave applied 40 80 120 160 40 80 12 16 rated voltage applied ja ja r =16 c/w r =60 c/w (no heat sink) dc dc 180 square wave 4.08.0121620 2.0 4.0 6.0 8.0 10 12 14 (resistive load) 180 square wave dc i av = pk i t j =150 c t j =100 c t j =25 c |
Price & Availability of B15A45VIC07 |